PART |
Description |
Maker |
PE30PAM PE30 PE30DBANAC PE30DBANAL PE30DBANAM PE30 |
Fully Sealed Container, Military and Professional Grade Fully Sealed Container Cermet Potentiometers Military and Professional Grade
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
P8P P8PY103KB25 |
Fully Sealed Container Cermet Trimmers
|
Vishay Siliconix
|
P13 |
Fully Sealed Container, Military and Professional Grade
|
Vishay
|
P12TABS474MAB2DE |
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
|
Vishay Siliconix
|
PRV6PARV6 |
Fully Sealed, (PRV6), Conductive Plastic (PARV6)
|
Vishay
|
PRV6SAAABXB25471KA PRV6AAABAYB25104MA PRV6SAAAJYB2 |
PRV6 Fully Sealed Potentiometer Cermet or Conductive Plastic
|
Vishay Sfernice
|
TS6Y |
Multi-Turn Surface Mount Miniature 1/4 Square Ceremt Trimmers, Fully Sealed
|
http://
|
PIC18F6525-E/PTQTP PIC18F6525-I/PT PIC18LF6525-E/P |
Hex D-Type Master-Slave Flip-Flop; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 64/80-Pin高性能4字节增强型闪存微控制器与A / BBG ECL LATCH QUINT; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 25 64/80-Pin高性能4字节增强型闪存微控制器与A / 64/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with A/D 64/80-Pin高性能4字节增强型闪存微控制器与A / BBG ECL LATCH QUINT; Package: 20 LEAD PLLC; No of Pins: 20; Container: Tape and Reel; Qty per Container: 500 64/80-Pin高性能4字节增强型闪存微控制器与A / BBG ECL LATCH QUINT; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 64/80-Pin高性能4字节增强型闪存微控制器与A / BBG ECL FLIP FLOP HEX D; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 CHERRY CONNECTOR POT 200K OHM 1-1/4 RECT CERM MT 5-Bit Magnitude Comparator; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 25
|
Microchip Technology, Inc. Microchip Technology Inc.
|
MMBZ5234B MMBZ5243B MMBZ5223B MMBZ5228B MMBZ5245B |
410 mW Zener Diode 2.4 to 39 Volts 3-32V Quad Operational Amplifier, Ta= -25 to 85°C, Pb-free; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 2-36V Dual Comparator, Ta = -40 to 105°C; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per Container: 50 ESD Protection Diode 2.5 V SOD-523 Unidirectional; Package: SOD-523 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 3.9 V, 0.35 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection- Pb Free Device; Package: 3 LEAD D2PAK; No of Pins: 3; Container: Rail; Qty per Container: 50
|
Micro Commercial Compon... Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
PIC16F628T-20E_P PIC16F627-20/P PIC16F627-04/SS PI |
BBG ECL GATE NOR QUAD; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 基于闪存位CMOS微控制器 FLASH-Based 8-Bit CMOS Microcontrollers 基于闪存位CMOS微控制器 BBG ECL GATE OR/NOR QUAD; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 基于闪存位CMOS微控制器 Quad OR/NOR Gate; Package: 20 LEAD PLLC; No of Pins: 20; Container: Tape and Reel; Qty per Container: 500 Quad 2-Input NOR Gate With Strobe; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 BBG ECL GATE NOR QUAD; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50
|
Microchip Technology, Inc. Microchip Technology Inc.
|